Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 181Page - Renesas Technology Corp SH7616 Datasheet HTML 182Page - Renesas Technology Corp SH7616 Datasheet HTML 183Page - Renesas Technology Corp SH7616 Datasheet HTML 184Page - Renesas Technology Corp SH7616 Datasheet HTML 185Page - Renesas Technology Corp SH7616 Datasheet HTML 186Page - Renesas Technology Corp SH7616 Datasheet HTML 187Page - Renesas Technology Corp SH7616 Datasheet HTML 188Page - Renesas Technology Corp SH7616 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 159 of 906
REJ09B0292-0200
5.3
Register Descriptions
5.3.1
Interrupt Priority Level Setting Register A (IPRA)
Interrupt priority level setting register A (IPRA) is a 16-bit read/write register that assigns priority
levels from 0 to 15 to on-chip peripheral module interrupts. IPRA is initialized to H'0000 by a
reset. It is not initialized in standby mode. Unless otherwise specified, ‘reset’ refers to both power-
on and manual resets throughout this manual.
Bit:
15
14
13
12
11
10
9
8
————
DMAC
IP3
DMAC
IP2
DMAC
IP1
DMAC
IP0
Initial value:
00000000
R/W:
RRRR
R/W
R/W
R/W
R/W
Bit:
76543210
WDT
IP3
WDT
IP2
WDT
IP1
WDT
IP0
————
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
RRRR
Bits 15 to 12—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 11 to 8—Direct Memory Access Controller (DMAC) Interrupt Priority Level 3 to 0
(DMACIP3–DMACIP0): These bits set the direct memory access controller (DMAC) interrupt
priority level. There are four bits, so levels 0–15 can be set. The same level is set for both two
DMAC channels. When interrupts occur simultaneously, channel 0 has priority.
Bits 7 to 4—Watchdog Timer (WDT) Interrupt Priority Level 3 to 0 (WDTIP3–WDTIP0): These
bits set the watchdog timer (WDT) interrupt priority level and bus state controller (BSC) interrupt
priority level. There are four bits, so levels 0–15 can be set. When WDT and BSC interrupts occur
simultaneously, the WDT interrupt has priority.
Bits 3 to 0—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com