Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 187Page - Renesas Technology Corp SH7616 Datasheet HTML 188Page - Renesas Technology Corp SH7616 Datasheet HTML 189Page - Renesas Technology Corp SH7616 Datasheet HTML 190Page - Renesas Technology Corp SH7616 Datasheet HTML 191Page - Renesas Technology Corp SH7616 Datasheet HTML 192Page - Renesas Technology Corp SH7616 Datasheet HTML 193Page - Renesas Technology Corp SH7616 Datasheet HTML 194Page - Renesas Technology Corp SH7616 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 165 of 906
REJ09B0292-0200
Bits 14 to 8—Watchdog Timer (WDT) Interval Interrupt Vector Number 6 to 0 (WITV6–
WITV0): These bits set the vector number for the interval interrupt (ITI) of the watchdog timer
(WDT). There are seven bits, so the value can be set between 0 and 127.
Bits 6 to 0—Bus State Controller (BSC) Compare Match Interrupt Vector Number 6 to 0
(BCMV6–BCMV0): These bits set the vector number for the compare match interrupt (CMI) of
the bus state controller (BSC). There are seven bits, so the value can be set between 0 and 127.
5.3.7
Vector Number Setting Register A (VCRA)
Vector number setting register A (VCRA) is a 16-bit read/write register that sets the E-DMAC
interrupt vector numbers (0–127). VCRA is initialized to H'0000 by a reset. It is not initialized in
standby mode.
Bit:
15
14
13
12
11
10
9
8
—
EINV6
EINV5
EINV4
EINV3
EINV2
EINV1
EINV0
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
————————
Initial value:
00000000
R/W:
RRRRRRRR
Bits 15 and 7 to 0—Reserved: These bits are always read as 0. The write value should always be
0.
Bits 14 to 8—Ethernet Controller Direct Memory Access Controller (E-DMAC) Interrupt Vector
Number 6 to 0 (EINV6–EINV0): These bits set the vector number for ethernet controller direct
memory access controller (E-DMAC) interrupt (EINT). There are seven bits, so the value can be
set between 0 and 127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com