Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 194Page - Renesas Technology Corp SH7616 Datasheet HTML 195Page - Renesas Technology Corp SH7616 Datasheet HTML 196Page - Renesas Technology Corp SH7616 Datasheet HTML 197Page - Renesas Technology Corp SH7616 Datasheet HTML 198Page - Renesas Technology Corp SH7616 Datasheet HTML 199Page - Renesas Technology Corp SH7616 Datasheet HTML 200Page - Renesas Technology Corp SH7616 Datasheet HTML 201Page - Renesas Technology Corp SH7616 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 172 of 906
REJ09B0292-0200
5.3.15
Vector Number Setting Register I (VCRI)
Vector number setting register I (VCRI) is a 16-bit read/write register that sets the 16-bit timer
pulse unit 1 (TPU1) TCNT1 overflow/underflow interrupt vector numbers (0–127).
VCRI is initialized to H'0000 by a reset. It is not initialized in standby mode.
Bit:
15
14
13
12
11
10
9
8
—
TC1VV6 TC1VV5 TC1VV4 TC1VV3 TC1VV2 TC1VV1 TC1VV0
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
—
TC1UV6 TC1UV5 TC1UV4 TC1UV3 TC1UV2 TC1UV1 TC1UV0
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 and 7—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 14 to 8—16-Bit Timer pulse unit 1 (TPU1) TCNT1 Overflow Interrupt Vector Number 6 to 0
(TC1VV6–TC1VV0): These bits set the vector number for the 16-bit timer pulse unit 1 (TPU1)
TCNT1 overflow interrupt. There are seven bits, so the value can be set between 0 and 127.
Bits 6 to 0—16-Bit Timer pulse unit 1 (TPU1) TCNT1 Underflow Interrupt Vector Number 6 to 0
(TC1UV6–TC1UV0): These bits set the vector number for the 16-bit timer pulse unit 1 (TPU1)
TCNT1 underflow interrupt. There are seven bits, so the value can be set between 0 and 127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com