| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 212 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 212 Page - Renesas Technology Corp |
|
212 / 935 page ![]() Section 5 Interrupt Controller (INTC) Rev. 2.00 Mar 09, 2006 page 186 of 906 REJ09B0292-0200 Bits Register 14–8 6–0 Vector number setting register R Receive overrun error interrupt (SIO1) Transmit underrun error interrupt (SIO1) Vector number setting register S Receive-data-full interrupt (SIO1) Transmit-data-empty interrupt (SIO1) Vector number setting register T Receive overrun error interrupt (SIO2) Transmit underrun error interrupt (SIO2) Vector number setting register U Receive-data-full interrupt (SIO2) Transmit-data-empty interrupt (SIO2) As table 5.6 shows, two on-chip peripheral module interrupts are assigned to each register. Set the vector numbers by setting the corresponding 7-bit groups (bits 14 to 8 and bits 6 to 0) with values in the range of H'00 (0000000) to H'7F (1111111). H'00 is vector number 0 (the lowest); H'7F is vector number 127 (the highest). The vector table address is calculated by the following equation. Vector table address = VBR + (vector number × 4) A reset initializes a vector number setting register to H'0000. They are not initialized in standby mode. Table 5.7 Interrupt Request Sources and Vector Number Setting Registers (2) Register Setting Function Vector number setting register DMA0 (VCRDMA0) Channel 0 transfer end interrupt for DMAC Vector number setting register DMA1 (VCRDMA1) Channel 1 transfer end interrupt for DMAC As shown in table 5.7 the vector numbers for direct memory access controller transfer-end interrupts are set in VCRDMA0 and VCRDMA1. See sections 11, Direct Memory Access Controller, for more details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |