Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 221Page - Renesas Technology Corp SH7616 Datasheet HTML 222Page - Renesas Technology Corp SH7616 Datasheet HTML 223Page - Renesas Technology Corp SH7616 Datasheet HTML 224Page - Renesas Technology Corp SH7616 Datasheet HTML 225Page - Renesas Technology Corp SH7616 Datasheet HTML 226Page - Renesas Technology Corp SH7616 Datasheet HTML 227Page - Renesas Technology Corp SH7616 Datasheet HTML 228Page - Renesas Technology Corp SH7616 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 199 of 906
REJ09B0292-0200
Section 6 User Break Controller (UBC)
6.1
Overview
The user break controller (UBC) provides functions that simplify program debugging. When break
conditions are set in the UBC, a user break interrupt is generated according to the conditions of the
bus cycle generated by the CPU or on-chip DMAC (DMAC or E-DMAC).
This function makes it easy to design a sophisticated self-monitoring debugger, enabling programs
to be debugged with the chip alone, without using an in-circuit emulator.
6.1.1
Features
The UBC has the following features:
• The following can be set as break conditions:
 Number of break channels: Four (channels A, B, C, and D)
User break interrupts can be generated on independent or sequential conditions for
channels A, B, C, and D.
 Sequential break settings
• Channel A → channel B → channel C → channel D
• Channel B → channel C → channel D
• Channel C → channel D
1. Address: 32-bit masking capability, individual address setting possible (cache bus (CPU),
internal bus (DMAC, E-DMAC), X/Y bus)
2. Data (channels C and D only,): 32-bit masking capability, individual address setting
possible (cache bus (CPU), internal bus (DMAC, E-DMAC), X/Y bus)
3. Bus master: CPU cycle/on-chip DMAC (DMAC, E-DMAC) cycle
4. Bus cycle: Instruction fetch/data access
5. Read/write
6. Operand cycle: Byte/word/longword
• User break interrupt generation on occurrence of break condition
A user-written user break interrupt exception routine can be executed.
• Processing can be stopped before or after instruction execution in an instruction fetch cycle.
• Break with specification of number of executions (channels C and D only)
Settable number of executions: maximum 212 – 1 (4095)
• PC trace function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com