Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 225Page - Renesas Technology Corp SH7616 Datasheet HTML 226Page - Renesas Technology Corp SH7616 Datasheet HTML 227Page - Renesas Technology Corp SH7616 Datasheet HTML 228Page - Renesas Technology Corp SH7616 Datasheet HTML 229Page - Renesas Technology Corp SH7616 Datasheet HTML 230Page - Renesas Technology Corp SH7616 Datasheet HTML 231Page - Renesas Technology Corp SH7616 Datasheet HTML 232Page - Renesas Technology Corp SH7616 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 203 of 906
REJ09B0292-0200
6.2
Register Descriptions
6.2.1
Break Address Register A (BARA)
BARAH
Bit:
15
14
13
12
11
10
9
8
BAA31
BAA30
BAA29
BAA28
BAA27
BAA26
BAA25
BAA24
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
BAA23
BAA22
BAA21
BAA20
BAA19
BAA18
BAA17
BAA16
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BARAL
Bit:
15
14
13
12
11
10
9
8
BAA15
BAA14
BAA13
BAA12
BAA11
BAA10
BAA9
BAA8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
BAA7
BAA6
BAA5
BAA4
BAA3
BAA2
BAA1
BAA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break address register A (BARA) consists of two 16-bit readable/writable registers: break address
register AH (BARAH) and break address register AL (BARAL). BARAH specifies the upper half
(bits 31 to 16) of the address used as a channel A break condition, and BARAL specifies the lower
half (bits 15 to 0). BARAH and BARAL are initialized to H'0000 by a power-on reset; after a
manual reset, their values are undefined.
BARAH Bits 15 to 0—Break Address A31 to A16 (BAA31 to BAA16): These bits store the upper
half (bits 31 to 16) of the address used as a channel A break condition.
BARAL Bits 15 to 0—Break Address A15 to A0 (BAA15 to BAA0): These bits store the lower
half (bits 15 to 0) of the address used as a channel A break condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com