Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 228Page - Renesas Technology Corp SH7616 Datasheet HTML 229Page - Renesas Technology Corp SH7616 Datasheet HTML 230Page - Renesas Technology Corp SH7616 Datasheet HTML 231Page - Renesas Technology Corp SH7616 Datasheet HTML 232Page - Renesas Technology Corp SH7616 Datasheet HTML 233Page - Renesas Technology Corp SH7616 Datasheet HTML 234Page - Renesas Technology Corp SH7616 Datasheet HTML 235Page - Renesas Technology Corp SH7616 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 206 of 906
REJ09B0292-0200
Bits 5 and 4—Instruction Fetch/Data Access Select A (IDA1, IDA0): These bits specify whether
an instruction fetch cycle or data access cycle is to be selected as the bus cycle used as a channel A
break condition.
Bit 5:
IDA1
Bit 4:
IDA0
Description
0
0
Channel A user break interrupt is not generated
(Initial value)
1
Instruction fetch cycle is selected as break condition
1
0
Data access cycle is selected as break condition
1
Instruction fetch cycle or data access cycle is selected as break condition
Bits 3 and 2—Read/Write Select A (RWA1, RWA0): These bits specify whether a read cycle or
write cycle is to be selected as the bus cycle used as a channel A break condition.
Bit 3:
RWA1
Bit 2:
RWA0
Description
0
0
Channel A user break interrupt is not generated
(Initial value)
1
Read cycle is selected as break condition
1
0
Write cycle is selected as break condition
1
Read cycle or write cycle is selected as break condition
Bits 1 and 0—Operand Size Select A (SZA1, SZA0): These bits select the operand size of the bus
cycle used as a channel A break condition.
Bit 1:
SZA1
Bit 0:
SZA0
Description
0
0
Operand size is not included in break conditions
(Initial value)
1
Byte access is selected as break condition
1
0
Word access is selected as break condition
1
Longword access is selected as break condition
Notes: When a break is to be executed on an instruction fetch, clear the SZA0 bit to 0. All
instructions are regarded as being accessed using word size (instruction fetches are always
performed as longword).
In the case of an instruction, the operand size is word; in the case of a CPU/DMAC, E-
DMAC data access, it is determined by the specified operand size. Note that the operand
size is not determined by the bus width of the space accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com