Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 226Page - Renesas Technology Corp SH7616 Datasheet HTML 227Page - Renesas Technology Corp SH7616 Datasheet HTML 228Page - Renesas Technology Corp SH7616 Datasheet HTML 229Page - Renesas Technology Corp SH7616 Datasheet HTML 230Page - Renesas Technology Corp SH7616 Datasheet HTML 231Page - Renesas Technology Corp SH7616 Datasheet HTML 232Page - Renesas Technology Corp SH7616 Datasheet HTML 233Page - Renesas Technology Corp SH7616 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 204 of 906
REJ09B0292-0200
6.2.2
Break Address Mask Register A (BAMRA)
BAMRAH
Bit:
15
14
13
12
11
10
9
8
BAMA31 BAMA30 BAMA29 BAMA28 BAMA27 BAMA26 BAMA25 BAMA24
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
BAMA23 BAMA22 BAMA21 BAMA20 BAMA19 BAMA18 BAMA17 BAMA16
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BAMRAL
Bit:
15
14
13
12
11
10
9
8
BAMA15 BAMA14 BAMA13 BAMA12 BAMA11 BAMA10 BAMA9 BAMA8
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
BAMA7 BAMA6 BAMA5 BAMA4 BAMA3 BAMA2 BAMA1 BAMA0
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break address mask register A (BAMRA) consists of two 16-bit readable/writable registers: break
address mask register AH (BAMRAH) and break address mask register AL (BAMRAL).
BAMRAH specifies which bits of the break address set in BARAH are to be masked, and
BAMRAL specifies which bits of the break address set in BARAL are to be masked. BAMRAH
and BAMRAL are initialized to H'0000 by a power-on reset; after a manual reset, their values are
undefined.
BAMRAH Bits 15 to 0—Break Address Mask A31 to A16 (BAMA31 to BAMA16): These bits
specify whether or not corresponding channel A break address bits 31 to 16 (BAA31 to BAA16)
set in BARAH are to be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com