Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 227Page - Renesas Technology Corp SH7616 Datasheet HTML 228Page - Renesas Technology Corp SH7616 Datasheet HTML 229Page - Renesas Technology Corp SH7616 Datasheet HTML 230Page - Renesas Technology Corp SH7616 Datasheet HTML 231Page - Renesas Technology Corp SH7616 Datasheet HTML 232Page - Renesas Technology Corp SH7616 Datasheet HTML 233Page - Renesas Technology Corp SH7616 Datasheet HTML 234Page - Renesas Technology Corp SH7616 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 205 of 906
REJ09B0292-0200
BAMRAL Bits 15 to 0—Break Address Mask A15 to A0 (BAMA15 to BAMA0): These bits
specify whether or not corresponding channel A break address bits 15 to 0 (BAA15 to BAA0) set
in BARAL are to be masked.
Bit 31 to 0:
BAMAn
Description
0
Channel A break address bit BAAn is included in break condition (Initial value)
1
Channel A break address bit BAAn is masked, and not included in condition
Note: n = 31 to 0
6.2.3
Break Bus Cycle Register A (BBRA)
Bit:
15
14
13
12
11
10
9
8
——
———
———
Initial value:
0
0
0
0
0
0
0
0
R/W:
RR
RRR
RRR
Bit:
76
543
210
CPA1
CPA0
IDA1
IDA0
RWA1
RWA0
SZA1
SZA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break bus cycle register A (BBRA) is a 16-bit readable/writable register that sets four channel A
break conditions: (1) CPU cycle/on-chip DMAC (DMAC, E-DMAC) cycle, (2) instruction
fetch/data access, (3) read/write, and (4) operand size. BBRA is initialized to H'0000 by a power-
on reset; after a manual reset, its value is undefined.
Bits 15 to 8—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 7 and 6—CPU/DMAC, E-DMAC Cycle Select A (CPA1, CPA0): These bits specify whether
a CPU cycle, or a DMAC or E-DMAC cycle, is to be selected as the bus cycle used as a channel A
break condition.
Bit 7:
CPA1
Bit 6:
CPA0
Description
0
0
Channel A user break interrupt is not generated
(Initial value)
1
CPU cycle is selected as user break condition
1
0
DMAC or E-DMAC cycle is selected as user break condition
1
CPU, DMAC, or E-DMAC cycle is selected as user break condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com