Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 230Page - Renesas Technology Corp SH7616 Datasheet HTML 231Page - Renesas Technology Corp SH7616 Datasheet HTML 232Page - Renesas Technology Corp SH7616 Datasheet HTML 233Page - Renesas Technology Corp SH7616 Datasheet HTML 234Page - Renesas Technology Corp SH7616 Datasheet HTML 235Page - Renesas Technology Corp SH7616 Datasheet HTML 236Page - Renesas Technology Corp SH7616 Datasheet HTML 237Page - Renesas Technology Corp SH7616 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 208 of 906
REJ09B0292-0200
6.2.5
Break Address Mask Register B (BAMRB)
BAMRBH
Bit:
15
14
13
12
11
10
9
8
BAMB31 BAMB30 BAMB29 BAMB28 BAMB27 BAMB26 BAMB25 BAMB24
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
BAMB23 BAMB22 BAMB21 BAMB20 BAMB19 BAMB18 BAMB17 BAMB16
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BAMRBL
Bit:
15
14
13
12
11
10
9
8
BAMB15 BAMB14 BAMB13 BAMB12 BAMB11 BAMB10 BAMB9 BAMB8
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
BAMB7 BAMB6 BAMB5 BAMB4 BAMB3 BAMB2 BAMB1 BAMB0
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break address mask register B (BAMRB) consists of two 16-bit readable/writable registers: break
address mask register BH (BAMRBH) and break address mask register BL (BAMRBL).
BAMRBH specifies which bits of the break address set in BARBH are to be masked, and
BAMRBL specifies which bits of the break address set in BARBL are to be masked. BAMRBH
and BAMRBL are initialized to H'0000 by a power-on reset; after a manual reset, their values are
undefined.
BAMRBH Bits 15 to 0—Break Address Mask B31 to B16 (BAMB31 to BAMB16): These bits
specify whether or not corresponding channel B break address bits 31 to 16 (BAB31 to BAB16)
set in BARBH are to be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com