| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 222 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 222 Page - Renesas Technology Corp |
|
222 / 935 page ![]() Section 5 Interrupt Controller (INTC) Rev. 2.00 Mar 09, 2006 page 196 of 906 REJ09B0292-0200 Interrupt clear instruction External write cycle External read cycle Write completed Next interrupt can be accepted Synchronization instruction RTE instruction IRL3–IRL0 Delay slot instruction Interrupt return destination instruction DE M M DE M EM W DE E FD D 0.5Icyc + 1.0Ecyc + 1.5Pcyc F: Instruction fetch ............... Instruction is fetched from memory in which program is stored D: Instruction decode ........... Fetched instruction is decoded E: Instruction execution ........ Data operation or address operation is performed in accordance with result of decoding M: Memory access ................ Memory data access is performed W: Write-back ....................... Data read from memory is written to register Figure 5.11 Pipeline Operation when Returning by Means of RTE Instruction Interrupt clear instruction External write cycle External read cycle Write completed Next interrupt can be accepted Synchronization instruction • • • IRL3–IRL0 LDC instruction Interrupt disable instruction Normal instruction DE M M DE W DE DE DE 0.5Icyc + 1.0Ecyc + 1.5Pcyc Figure 5.12 Pipeline Operation when Interrupts are Enabled by Means of SR Modification When an interrupt source is cleared by the program, pipeline operation must be considered to ensure that the same interrupt is not implemented again. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |