Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 216Page - Renesas Technology Corp SH7616 Datasheet HTML 217Page - Renesas Technology Corp SH7616 Datasheet HTML 218Page - Renesas Technology Corp SH7616 Datasheet HTML 219Page - Renesas Technology Corp SH7616 Datasheet HTML 220Page - Renesas Technology Corp SH7616 Datasheet HTML 221Page - Renesas Technology Corp SH7616 Datasheet HTML 222Page - Renesas Technology Corp SH7616 Datasheet HTML 223Page - Renesas Technology Corp SH7616 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 194 of 906
REJ09B0292-0200
5.6
Sampling of Pins
IRL3
IRL3
IRL3
IRL3–IRL0
IRL0
IRL0
IRL0
Signals on interrupt pins
IRL3 to IRL0 pass through the noise canceler before being sent by the
interrupt controller to the CPU as interrupt requests, as shown in figure 5.10. The noise canceler
cancels noise that changes in short cycles. The CPU samples the interrupt requests between
executing instructions. During this period, the noise canceler output changes according to the
noise-eliminated pin level, so the pin level must be held until the CPU samples it. This means that
interrupt sources generally must not be cleared inside interrupt routines.
When an external vector is fetched, the interrupt source can also be cleared when the external
vector fetch cycle is detected.
Interrupt acceptance
signal from CPU
Interrupt request
to CPU
Noise canceler
output
Cleared when interrupt is accepted
IRL3–IRL0
pin level
1011 for
1 clock
due to
noise
Level 2 interrupt
Level 6 interrupt
1111
1111
1101
1001
1111
1101
1001
IRL0
IRL1
IRL2
IRL3
CPU
Interrupt
controller
Noise
canceler
Interrupt
request
Interrupt
accepted
Figure 5.10
IRL3
IRL3
IRL3
IRL3–IRL0
IRL0
IRL0
IRL0 Pin Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com