| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 308 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 308 Page - Renesas Technology Corp |
|
308 / 935 page ![]() Section 7 Bus State Controller (BSC) Rev. 2.00 Mar 09, 2006 page 282 of 906 REJ09B0292-0200 D7 70 D0 70 70 70 70 15 8 70 15 8 70 15 8 23 16 31 24 A24–A0 000000 000001 000002 000003 000000 000001 000002 000003 000000 000001 000002 000003 Data input/output pin Byte read/write of address 0 Byte read/write of address 1 Byte read/write of address 2 Byte read/write of address 3 Word read/write of address 0 Word read/write of address 2 Longword read/write of address 0 8-bit external device (little-endian) Figure 7.10 8-Bit External Devices and Their Access Units 7.4 Accessing Ordinary Space 7.4.1 Basic Timing A strobe signal is output by ordinary space accesses of CS0–CS4 spaces to provide primarily for SRAM direct connections. Figure 7.11 shows the basic timing of ordinary space accesses. Ordinary accesses without waits end in 2 cycles. The BS signal is asserted for 1 cycle to indicate the start of the bus cycle. The CSn signal is negated by the fall of clock T2 to ensure the negate period. The negate period is thus half a cycle when accessed at the minimum pitch. The access size is not specified during a read. The correct access start address will be output to the LSB of the address, but since no access size is specified, the read will always be 32 bits for 32-bit devices and 16 bits for 16-bit devices. For writes, only the WE signal of the byte that will be written is asserted. For 32-bit devices, WE3 specifies writing to a 4n address and WE0 specifies writing to a 4n+3 address. For 16-bit devices, WE1 specifies writing to a 2n address and WE0 specifies writing to a 2n+1 address. For 8-bit devices, only WE0 is used. When data buses are provided with buffers, the RD signal must be used for data output in the read direction. When RD/ WR signals do not perform accesses, the chip stays in read status, so there is a danger of conflicts occurring with output when this is used to control the external data buffer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |