| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 304 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 304 Page - Renesas Technology Corp |
|
304 / 935 page ![]() Section 7 Bus State Controller (BSC) Rev. 2.00 Mar 09, 2006 page 278 of 906 REJ09B0292-0200 7.2.9 Refresh Timer Counter (RTCNT) Bit: 15 14 13 12 11 10 9 8 ———————— Initial value: 00000000 R/W: RRRRRRRR Bit: 76543210 Initial value: 00000000 R/W: R/W R/W R/W R/W R/W R/W R/W R/W The 8-bit counter RTCNT counts up with input clocks. The clock select bit of RTCSR selects an input clock. RTCNT values can always be read/written by the CPU. When RTCNT matches RTCOR, RTCNT is cleared. Returns to 0 after it counts up to 255. Bits 15 to 8—Reserved: These bits are always read as 0. The write value should always be 0. 7.2.10 Refresh Time Constant Register (RTCOR) Bit: 15 14 13 12 11 10 9 8 ———————— Initial value: 00000000 R/W: RRRRRRRR Bit: 76543210 Initial value: 00000000 R/W: R/W R/W R/W R/W R/W R/W R/W R/W RTCOR is an 8-bit read/write register. The values of RTCOR and RTCNT are constantly compared. When the values correspond, the compare match flag (CMF) in RTCSR is set and RTCNT is cleared to 0. When the refresh bit (RFSH) in the individual memory control register (MCR) is set to 1, a refresh request signal occurs. The refresh request signal is held until refresh operation is actually performed. If the refresh request is not processed before the next match, the previous request becomes ineffective. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |