Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 299Page - Renesas Technology Corp SH7616 Datasheet HTML 300Page - Renesas Technology Corp SH7616 Datasheet HTML 301Page - Renesas Technology Corp SH7616 Datasheet HTML 302Page - Renesas Technology Corp SH7616 Datasheet HTML 303Page - Renesas Technology Corp SH7616 Datasheet HTML 304Page - Renesas Technology Corp SH7616 Datasheet HTML 305Page - Renesas Technology Corp SH7616 Datasheet HTML 306Page - Renesas Technology Corp SH7616 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 277 of 906
REJ09B0292-0200
Bit 6—Compare Match Interrupt Enable (CMIE): Enables or disables an interrupt request caused
by the CMF bit of RTCSR when CMF is set to 1.
Bit 6: CMIE
Description
0
Interrupt request caused by CMF is disabled
(Initial value)
1
Interrupt request caused by CMF is enabled
Bits 5 to 3—Clock Select Bits (CKS2–CKS0)
Bit 5: CKS2
Bit 4: CKS1
Bit 3: CKS0
Description
0
0
0
Count-up disabled
(Initial value)
1P
φ/4
10P
φ/16
1P
φ/64
1
00P
φ/256
1P
φ/1024
10P
φ/2048
1P
φ/4096
Bits 2 to 0—Refresh Count (RRC2–RRC0): These bits specify the number of consecutive
refreshes to be performed when the refresh timer counter (RTCNT) and refresh time constant
register (RTCOR) values match and a refresh request is issued.
Bit 2: RRC2
Bit 1: RRC1
Bit 0: RRC0
Description
0
0
0
1 refresh
(Initial value)
1
2 refreshes
104 refreshes
1
6 refreshes
1
008 refreshes
1
Reserved (do not set)
1
0
Reserved (do not set)
1
Reserved (do not set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com