Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 297Page - Renesas Technology Corp SH7616 Datasheet HTML 298Page - Renesas Technology Corp SH7616 Datasheet HTML 299Page - Renesas Technology Corp SH7616 Datasheet HTML 300Page - Renesas Technology Corp SH7616 Datasheet HTML 301Page - Renesas Technology Corp SH7616 Datasheet HTML 302Page - Renesas Technology Corp SH7616 Datasheet HTML 303Page - Renesas Technology Corp SH7616 Datasheet HTML 304Page - Renesas Technology Corp SH7616 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 275 of 906
REJ09B0292-0200
A15
BA1
A14
BA0
A13
A11
A2
A0
CKIO
CLK
CKE
CKE
CSn
CS
RAS
RAS
CAS
CAS
RD/
WR
WE
D31
I/O31
D0
I/O0
DQMUU/
WE3
DQMUU
DQMUL/
WE2
DQMUL
DQMLU/
WE1
DQMLU
DQMLL/
WE0
DQMLL
256 Mbit
(2 Mword × 32-bit × 4 Bank)
synchronous DRAM
Chip
Figure 7.4 256 Mbit Synchronous DRAM (8 Mword × 32 bit) Connection Example
Bit 6—Memory Data Size (SZ): For synchronous DRAM and DRAM space, the data bus width of
BCR2 is ignored in favor of the specification of this bit.
Bit 6: SZ
Description
0
Word (16 bits)
(Initial value)
1
Longword (32 bits)
Bit 3—Refresh Control (RFSH): This bit determines whether or not the refresh operation of
DRAM/synchronous DRAM is performed
.
Bit 3: RFSH
Description
0
No refresh
(Initial value)
1Refresh
Bit 2—Refresh Mode (RMODE): When the RFSH bit is 1, this bit selects normal refresh or self-
refresh. When the RFSH bit is 0, do not set this bit to 1. When the RFSH bit is 1, self-refresh
mode is entered immediately after the RMODE bit is set to 1. When the RFSH bit is 1 and this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com