Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 294Page - Renesas Technology Corp SH7616 Datasheet HTML 295Page - Renesas Technology Corp SH7616 Datasheet HTML 296Page - Renesas Technology Corp SH7616 Datasheet HTML 297Page - Renesas Technology Corp SH7616 Datasheet HTML 298Page - Renesas Technology Corp SH7616 Datasheet HTML 299Page - Renesas Technology Corp SH7616 Datasheet HTML 300Page - Renesas Technology Corp SH7616 Datasheet HTML 301Page - Renesas Technology Corp SH7616 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 272 of 906
REJ09B0292-0200
• For synchronous DRAM interface
Bit 7: AMX2
Bit 5: AMX1
Bit 4: AMX0
Description
0
0
0
16-Mbit DRAM (1 M
× 16 bits),
64-Mbit DRAM (2 M
× 32 bits)*
2
1
16-Mbit DRAM (2 M
× 8 bits)*
1
1
0
16-Mbit DRAM (4 M
× 4 bits)*
1
1
4-Mbit DRAM (256 k
× 16 bits)
1
0
0
64-Mbit DRAM (4 M
× 16 bits),
128-Mbit DRAM (4 M × 32 bits)*
3
1
64-Mbit DRAM (8 M
× 8 bits)*
1,
128-Mbit DRAM (8 M × 16 bits)*
1
*4
256-Mbit DRAM (8 M × 32 bits)*
1
*4
1
0
Reserved (do not set)
1
2-Mbit DRAM (128 k
× 16 bits)
Notes: 1. Reserved. Do not set when SZ bit in MCR is 0 (16-bit bus width).
2. See sction 7.5.11 for the method of connection to a 64-Mbit DRAM with a 2 M × 32-bit
configuration.
3. See figure 7.2 for the method of connection to a 128-Mbit DRAM with a 4 M × 32-bit
configuration.
4.
In the case of a 128-Mbit DRAM (8 M × 16-bit), connect to two 128 M bit DRAM
5.
s (8 M × 16-bit) by 32-bit data width as Figure2.
5. See figure 7.4 for the method of connection to a 256-Mbit DRAM with an 8 M × 32-bit
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com