Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp SH7616 Datasheet HTML 294Page - Renesas Technology Corp SH7616 Datasheet HTML 295Page - Renesas Technology Corp SH7616 Datasheet HTML 296Page - Renesas Technology Corp SH7616 Datasheet HTML 297Page - Renesas Technology Corp SH7616 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 268 of 906
REJ09B0292-0200
Bits 7 to 0—Area 3 to 0
CSn Assert Period Extension (A3SHW1–A0SHW0): These bits specify
the number of cycles from address/
CSn output to RD/WEn assertion and from RD/WEn negation
to address/
CSn hold for areas 3 to 0.
A3SHW1
A2SHW1
A1SHW1
A0SHW1
A3SHW0
A2SHW0
A1SHW0
A0SHW0
Description
0
0
0.5 cycle,
CSn* hold cycle = 0 cycles
(Initial value)
1
1.5 cycle,
CSn* hold cycle = 1 cycle
1
0
2.5 cycle,
CSn* hold cycle = 2 cycles
1
Reserved (do not set)
Note: * n = 0 to 3
7.2.7
Individual Memory Control Register (MCR)
Bit:
15
14
13
12
11
10
9
8
TRP0
RCD0
TRWL0 TRAS1
TRAS0
BE
RASD
TRWL1
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
AMX2
SZ
AMX1
AMX0
RFSH
RMODE
TRP1
RCD1
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The TRP1–TRP0, RCD1–RCD0, TRWL1–TRWL0, TRAS1–TRAS0, BE, RASD, AMX2–AMX0
and SZ bits are initialized after a power-on reset. Do not write to them thereafter. When writing to
them, write the same values as they are initialized to. Do not access CS2 or CS3 until register
initialization is completed.
Bits 1 and 15—
RAS Precharge Time (TRP1, TRP0): When DRAM is connected, specifies the
minimum number of cycles after
RAS is negated before the next assert. When synchronous
DRAM is connected, specifies the minimum number of cycles after precharge until a bank active
command is output. See section 7.5, Synchronous DRAM Interface, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com