Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp SH7616 Datasheet HTML 294Page - Renesas Technology Corp SH7616 Datasheet HTML 295Page - Renesas Technology Corp SH7616 Datasheet HTML 296Page - Renesas Technology Corp SH7616 Datasheet HTML 297Page - Renesas Technology Corp SH7616 Datasheet HTML 298Page - Renesas Technology Corp SH7616 Datasheet HTML 299Page - Renesas Technology Corp SH7616 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 270 of 906
REJ09B0292-0200
Bits 12 and 11—
CAS-Before-RAS Refresh RAS Assert Time (TRAS1, TRAS0): These bits
specify the
RAS assertion width when DRAM is connected.
Bit 12: TRAS1
Bit 11: TRAS0
Description
0
0
2 cycles
(Initial value)
1
3 cycles
1
0
4 cycles
1
5 cycles
After an auto-refresh command is issued, a bank active command is not issued for TRAS cycles,
regardless of the TRP bit setting. For synchronous DRAM, there is no
RAS assertion period, but
there is a limit for the time from the issue of a refresh command until the next access. This value is
set to observe this limit. Commands are not issued for TRAS cycles when self-refresh is cleared.
Bit 12: TRAS1
Bit 11: TRAS0
Description
0
0
3 cycles
(Initial value)
1
4 cycles
1
0
6 cycles
1
9 cycles
Bit 10—Burst Enable (BE)
Bit 10: BE
Description
0
Burst disabled
(Initial value)
1
High-speed page mode during DRAM and ED0 interfacing is enabled
.
Burst access conditions are as follows:
• Longword access, cache fill access, or DMAC 16-byte transfer, with 16-bit
bus width
• Cache fill access or DMAC 16-byte transfer, with 32-bit bus width
During synchronous DRAM access, burst operation is always enabled
regardless of this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com