Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp SH7616 Datasheet HTML 294Page - Renesas Technology Corp SH7616 Datasheet HTML 295Page - Renesas Technology Corp SH7616 Datasheet HTML 296Page - Renesas Technology Corp SH7616 Datasheet HTML 297Page - Renesas Technology Corp SH7616 Datasheet HTML 298Page - Renesas Technology Corp SH7616 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 269 of 906
REJ09B0292-0200
• For DRAM interface
Bit 1: TRP1
Bit 15: TRP0
Description
0
0
1 cycle
(Initial value)
1
2 cycles
1
0
Reserved (do not set)
1
Reserved (do not set)
• For Synchronous DRAM interface
Bit 1: TRP1
Bit 15: TRP0
Description
0
0
1 cycle
(Initial value)
1
2 cycles
1
0
3 cycles
1
4 cycles
Bits 0 and 14—
RAS-CAS Delay (RCD1, RCD0): When DRAM is connected, specifies the
number of cycles after
RAS is asserted before CAS is asserted. When synchronous DRAM is
connected, specifies the number of cycles after a bank active (ACTV) command is issued until a
read or write command (READ, READA, WRIT, WRITA) is issued.
Bit 0: RCD1
Bit 14: RCD0
Description
0
0
1 cycle
(Initial value)
1
2 cycles
1
0
3 cycles
1
Reserved (do not set)
Bits 8 and 13—Write-Precharge Delay (TRWL1, TRWL0): When the synchronous DRAM is not
in the bank active mode, this bit specifies the number of cycles after the write cycle before the
start-up of the auto-precharge. Based on this number of cycles, the timing at which the next active
command can be issued is calculated within the bus controller. In bank active mode, this bit
specifies the number of cycles before the precharge command is issued after the write command is
issued. This bit is ignored when memory other than synchronous DRAM is connected.
Bit 8: TRWL1
Bit 13: TRWL0
Description
0
0
1 cycle
(Initial value)
1
2 cycles
1
0
3 cycles
1
Reserved (do not set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com