Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp SH7616 Datasheet HTML 294Page - Renesas Technology Corp SH7616 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 265 of 906
REJ09B0292-0200
7.2.5
Wait Control Register 2 (WCR2)
Bit:
15
14
13
12
11
10
9
8
A4WD1 A4WD0
—
A4WM
A3WM
A2WM
A1WM
A0WM
Initial value:
00000000
R/W:
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
————
IW41
IW40
W41
W40
Initial value:
00001011
R/W:
RRRR
R/W
R/W
R/W
R/W
Bits 15 and 14—Number of External Waits Specification for Area 4 (A4WD1, A4WD0): These
bits specify the number of cycles between acceptance of CS4 space external wait negation and
RD
or
WEn negation.
Bit 15: A4WD1
Bit 14: A4WD0
Description
0
0
1 cycle
(Initial value)
1
2 cycles
1
0
4 cycles
1
Reserved (do not set)
Bit 13—Reserved bit. This bit is always read as 0. The write value should always be 0.
Bits 12 to 8—External Wait Mask Specification for Areas 0 to 4 (A4WM–A0WM): These bits
enable waits to be masked for CS spaces 0 to 4. When a value other than 00 is set in the wait
control bits for CS spaces 0 to 4 (W41–W00), external wait input can be enabled, but the wait
input can be masked by setting these bits to 1. With synchronous DRAM, external wait input is
ignored regardless of the settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com