Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 284Page - Renesas Technology Corp SH7616 Datasheet HTML 285Page - Renesas Technology Corp SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 262 of 906
REJ09B0292-0200
Bits 11 to 8—Long Wait Specification for Areas 0 to 4 (AnLW2): When the basic memory
interface setting is made for CS n, from 3 to 14 wait cycles are inserted in CS n accesses,
according to the combination with the long wait specification bits (AnLW1 and AnLW0) in
BCR1, when the bits specifying the wait in the wait control register are set as long wait (i.e., are
set to 11). For a basic description of long waits, see section 7.2.1, Bus Control Register 1 (BCR1).
Bits 7 and 6—DMA Single-Write Wait (DSWW1, DSWW0): These bits determine the number of
wait states inserted between DACK assertion and
CASn assertion when writing to DRAM or EDO
RAM in DMA single address mode.
Bit 7: DSWW1
Bit 6: DSWW0
Description
0
0
0 waits
(Initial value)
11 wait
10
2 waits
1
Reserved (do not set)
Bits 5 to 3—Reserved bits: These bits are always read as 0. The write value should always be 0.
Bit 2—Number of Banks Specification when Using 64M Synchronous DRAM (BASEL): When
64M synchronous DRAM is specified by AMX2–AMX0 in MCR, the number of banks can be
specified.
Bit 2: BASEL
Description
0
4 banks
(Initial value)
1
2 banks
Bit 1—EDO Mode Specification (EDO): Enables EDO mode to be specified when DRAM is
specified for CS3 space.
Bit 1: EDO
Description
0
High-speed page mode
(Initial value)
1
EDO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com