Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 282Page - Renesas Technology Corp SH7616 Datasheet HTML 283Page - Renesas Technology Corp SH7616 Datasheet HTML 284Page - Renesas Technology Corp SH7616 Datasheet HTML 285Page - Renesas Technology Corp SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 260 of 906
REJ09B0292-0200
7.2.2
Bus Control Register 2 (BCR2)
Bit:
15
14
13
12
11
10
9
8
——————
A4SZ1
A4SZ0
Initial value:
00000000
R/W:
RRRRRR
R/W
R/W
Bit:
76543210
A3SZ1
A3SZ0
A2SZ1
A2SZ0
A1SZ1
A1SZ0
—
—
Initial value:
11111100
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Initialize BCR2 after a power-on reset and do not write to it thereafter. When writing to it, write
the same values as those the bits are initialized to. Do not access any space other than CS0 until
the register initialization ends.
The CS0 space bus size specification is set with pins MD4 and MD3. See section 3.3, CS0 Space
Bus Width of the CS0 Area, for details.
Bits 15 to 10—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 9 and 8—Bus Size Specification for Area 4 (CS4) (A4SZ1, A4SZ0)
Bit 9: A4SZ1
Bit 8: A4SZ0
Description
0
0
Longword (32-bit) size
(Initial value)
1
Byte (8-bit) size
1
0
Word (16-bit) size
1
Longword (32-bit) size
Bits 7 and 6—Bus Size Specification for Area 3 (CS3) (A3SZ1, A3SZ0). Effective only when
ordinary space is set.
Bit 7: A3SZ1
Bit 6: A3SZ0
Description
0
0
Reserved (do not set)
1
Byte (8-bit) size
1
0
Word (16-bit) size
1
Longword (32-bit) size
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com