Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 279Page - Renesas Technology Corp SH7616 Datasheet HTML 280Page - Renesas Technology Corp SH7616 Datasheet HTML 281Page - Renesas Technology Corp SH7616 Datasheet HTML 282Page - Renesas Technology Corp SH7616 Datasheet HTML 283Page - Renesas Technology Corp SH7616 Datasheet HTML 284Page - Renesas Technology Corp SH7616 Datasheet HTML 285Page - Renesas Technology Corp SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 257 of 906
REJ09B0292-0200
7.2
Register Descriptions
7.2.1
Bus Control Register 1 (BCR1)
Bit:
15
14
13
12
11
10
9
8
—
A4LW1 A4LW0
A2EN
DIAN
BST
ROM
—AHLW1 AHLW0
Initial value:
0
000001
1
R/W:
R
R/W
R/W
R/W
R/W
R
R/W
R/W
Bit:
76543210
A1LW1 A1LW0 A0LW1 A0LW0
A4EN
DIAN
DRAM2 DRAM1 DRAM0
Initial value:
11110000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initialize the ENDIAN, BSTROM, PSHR, and DRAM2–DRAM0 bits after a power-on reset, and
do not change their values thereafter. To change other bits by writing to them, write the same
value as they are initialized to. Do not access any space other than CS0 until the register
initialization ends.
Bit 15—Reserved: This bit is always read as 0. The write value should always be 0.
Bits 14 and 13—Long Wait Specification for Area 4 (A4LW1, A4LW0): From 3 to 14 wait cycles
are inserted in CS4 space accesses when the wait control bits (W41, W40) in wait control register
2 (WCR2) are set as long wait (i.e., are set to 11) (see table 7.4).
Bit 12—Endian Specification for Area 2 (A2ENDIAN): In big-endian format, the MSB of byte
data is the lowest byte address and byte data goes in order toward the LSB
. For little-endian
format, the LSB of byte data is the lowest byte address and byte data goes in order toward the
MSB
. When this bit is 1, the data is rearranged into little-endian format before transfer when the
CS2 space is read or written to. It is used when handling data with little-endian processors or
running programs written with conscious use of little-endian format.
Bit 12: A2ENDIAN
Description
0
Big-endian
(Initial value)
1
Little-endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com