| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 280 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 280 Page - Renesas Technology Corp |
|
280 / 935 page ![]() Section 7 Bus State Controller (BSC) Rev. 2.00 Mar 09, 2006 page 254 of 906 REJ09B0292-0200 7.1.4 Register Configuration The BSC has ten registers. These registers are used to control wait states, bus width, interfaces with memories like DRAM, synchronous DRAM, and burst ROM, and DRAM and synchronous DRAM refreshing. The register configurations are shown in table 7.2. The size of the registers themselves is 16 bits. If read as 32 bits, the upper 16 bits are 0. In order to prevent writing mistakes, 32-bit writes are accepted only when the value of the upper 16 bits of the write data is H'A55A; no other writes are performed. Initialize the reserved bits. Initialization Procedure: Do not access a space other than CS0 until the settings for the interface to memory are completed. Table 7.2 Register Configuration Name Abbr. R/W Initial Value Address* 1 Access Size Bus control register 1 BCR1 R/W H'03F0 H'FFFFFFE0 16* 2, 32 Bus control register 2 BCR2 R/W H'00FC H'FFFFFFE4 16* 2, 32 Bus control register 3 BCR3 R/W H'0F00 H'FFFFFFFC 16* 2, 32 Wait control register 1 WCR1 R/W H'AAFF H'FFFFFFE8 16* 2, 32 Wait control register 2 WCR2 R/W H'000B H'FFFFFFC0 16* 2, 32 Wait control register 3 WCR3 R/W H'0000 H'FFFFFFC4 16* 2, 32 Individual memory control register MCR R/W H'0000 H'FFFFFFEC 16* 2, 32 Refresh timer control/status register RTCSR R/W H'0000 H'FFFFFFF0 16* 2, 32 Refresh timer counter RTCNT R/W H'0000 H'FFFFFFF4 16* 2, 32 Refresh time constant register RTCOR R/W H'0000 H'FFFFFFF8 16* 2, 32 Notes: 1. This address is for 32-bit accesses; for 16-bit accesses add 2. 2. 16-bit access is for read only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |