Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 275Page - Renesas Technology Corp SH7616 Datasheet HTML 276Page - Renesas Technology Corp SH7616 Datasheet HTML 277Page - Renesas Technology Corp SH7616 Datasheet HTML 278Page - Renesas Technology Corp SH7616 Datasheet HTML 279Page - Renesas Technology Corp SH7616 Datasheet HTML 280Page - Renesas Technology Corp SH7616 Datasheet HTML 281Page - Renesas Technology Corp SH7616 Datasheet HTML 282Page - Renesas Technology Corp SH7616 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 253 of 906
REJ09B0292-0200
Signal
I/O
With Bus
Released
Description
DREQ1
I
I
DMA request 1
DACK1
O
O
DMA acknowledge 1
REFOUT
O
O
Refresh execution request output when bus is released
DQMUU/
WE3
O
Hi-Z
When synchronous DRAM is used, connected to DQM pin for the
most significant byte (D31–D24). For ordinary space, indicates
writing to the most significant byte
DQMUL/
WE2
O
Hi-Z
When synchronous DRAM is used, connected to DQM pin for the
second byte (D23–D16). For ordinary space, indicates writing to the
second byte
DQMLU/
WE1
O
Hi-Z
When synchronous DRAM is used, connected to DQM pin for the
third byte (D15–D8). For ordinary space, indicates writing to the
third byte
DQMLL/
WE0
O
Hi-Z
When synchronous DRAM is used, connected to DQM pin for the
least significant byte (D7–D0). For ordinary space, indicates writing
to the least significant byte
CAS3
O
Hi-Z
When DRAM is used, connected to
CAS pin for the most significant
byte (D31–D24)
CAS2
O
Hi-Z
When DRAM is used, connected to
CAS pin for the second byte
(D23–D16)
CAS1
O
Hi-Z
When DRAM is used, connected to
CAS pin for the third byte (D15–
D8)
CAS0
O
Hi-Z
When DRAM is used, connected to
CAS pin for the least significant
byte (D7–D0)
STATS0, 1 O
O
Bus master identification 00: CPU
01: DMAC
10: E-DMAC
11: Other
BUSHIZ
I
I
Signal used in combination with
WAIT signal to place bus and
strobe signals in the high-impedance state without the ending bus
cycle.
Note: Hi-Z: High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com