Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 280Page - Renesas Technology Corp SH7616 Datasheet HTML 281Page - Renesas Technology Corp SH7616 Datasheet HTML 282Page - Renesas Technology Corp SH7616 Datasheet HTML 283Page - Renesas Technology Corp SH7616 Datasheet HTML 284Page - Renesas Technology Corp SH7616 Datasheet HTML 285Page - Renesas Technology Corp SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 258 of 906
REJ09B0292-0200
Bit 11—Area 0 Burst ROM Enable (BSTROM)
Bit 11: BSTROM
Description
0
Area 0 is accessed normally
(Initial value)
1
Area 0 is accessed as burst ROM
Bit 10—Reserved: This bit is always read as 0. The write value should always be 0.
Bits 9 and 8—Long Wait Specification for Areas 2 and 3 (AHLW1, AHLW0): When the basic
memory interface setting is made for CS2 and CS3, from 3 to 14 wait cycles are inserted in CS2 or
CS3 accesses when the bits specifying the respective area waits in the wait control bits (W21,
W20 or W31, W30) in wait control register 1 (WCR1) are set as long waits (i.e., are set to 11) (see
table 7.4).
Bits 7 and 6—Long Wait Specification for Area 1 (A1LW1, A1LW0): From 3 to 14 wait cycles
are inserted in area 1 accesses when the wait control bits (W11, W10) in wait control register 1
(WCR1) are set as long wait (i.e., are set to 11) (see table 7.4).
Bits 5 and 4—Long Wait Specification for Area 0 (A0LW1, A0LW0): When the basic memory
interface setting is made for CS0, from 3 to 14 wait cycles are inserted in CS0 accesses when the
wait control bits (W01, W00) in wait control register 1 (WCR1) are set as long wait (i.e., are set to
11) (see table 7.4).
Bit 3—Endian Specification for Area 4 (A4ENDIAN): In big-endian mode, the most significant
byte (MSB) is the lowest byte address, and byte data is aligned in order toward the least significant
byte (LSB). In little-endian mode, the LSB is the lowest byte address, and byte data is aligned in
order toward the MSB. When this bit is set to 1, data in read/write accesses to the CS4 space is
rearranged into little endian order before being transferred. This is used for data exchange with a
little-endian processor or when executing a program written with awareness of little-endian mode.
Bit 3: A4ENDIAN
Description
0
Big endian
(Initial value)
1
Little endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com