Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 283Page - Renesas Technology Corp SH7616 Datasheet HTML 284Page - Renesas Technology Corp SH7616 Datasheet HTML 285Page - Renesas Technology Corp SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 261 of 906
REJ09B0292-0200
Bits 5 and 4—Bus Size Specification for Area 2 (CS2) (A2SZ1, A2SZ0): Effective only when
ordinary space is set.
Bit 5: A2SZ1
Bit 4: A2SZ0
Description
0
0
Reserved (do not set)
1
Byte (8-bit) size
1
0
Word (16-bit) size
1
Longword (32-bit) size
(Initial value)
Bits 3 and 2—Bus Size Specification for Area 1 (CS1) (A1SZ1, A1SZ0)
Bit 3: A1SZ1
Bit 2: A1SZ0
Description
0
0
Reserved (do not set)
1
Byte (8-bit) size
1
0
Word (16-bit) size
1
Longword (32-bit) size
(Initial value)
Bits 1 and 0—Reserved: These bits are always read as 0. The write value should always be 0.
7.2.3
Bus Control Register 3 (BCR3)
Bit:
15
14
13
12
11
10
9
8
————
A4LW2 AHLW2 A1LW2 A0LW2
Initial value:
00001111
R/W:
RRRR
R/W
R/W
R/W
R/W
Bit:
76543210
DSWW1 DSWW0
—
—
—
BASEL
EDO
BWE
Initial value:
00000000
R/W:
R/W
R/W
R
R
R
R/W
R/W
R/W
Initialize the BASEL, EDO, and BWE bits after a power-on reset and do not write to them
thereafter. To change other bits by writing to them, write the same value as they are initialized to.
Do not access any space other than CS0 until the register initialization ends.
Bits 15 to 12—Reserved bits: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com