Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 285Page - Renesas Technology Corp SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 263 of 906
REJ09B0292-0200
Bit 0—Synchronous DRAM Burst Write Specification (BWE): Enables burst write mode to be
specified when synchronous DRAM is specified for CS2 or CS3 space.
Bit 0: BWE
Description
0
Single write mode
(Initial value)
1
Burst write mode
7.2.4
Wait Control Register 1 (WCR1)
Bit:
15
14
13
12
11
10
9
8
IW31
IW30
IW21
IW20
IW11
IW10
IW01
IW00
Initial value:
10101010
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
W31
W30
W21
W20
W11
W10
W01
W00
Initial value:
11111111
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Do not access a space other than CS0 until the settings for register initialization are completed.
Bits 15 to 8—Idles between Cycles for Areas 3 to 0 (IW31–IW00): These bits specify idle cycles
inserted between consecutive accesses to different CS spaces. Idles are used to prevent data
conflict between ROM or the like, which is slow to turn the read buffer off, and fast memories and
I/O interfaces. Even when access is to the same space, idle cycles must be inserted when a read
access is followed immediately by a write access. The idle cycles to be inserted comply with the
specification for the previously accessed space
. The set values below show the minimum number
of idle cycles; more cycles than indicated by the Idles between Cycles setting may actually be
inserted.
IW31, IW21, IW11, IW01
IW30, IW20, IW10, IW00
Description
0
0
No idle cycle
1
One idle cycle inserted
1
0
Two idle cycles inserted
(Initial value)
1
Four idle cycles inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com