Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 286Page - Renesas Technology Corp SH7616 Datasheet HTML 287Page - Renesas Technology Corp SH7616 Datasheet HTML 288Page - Renesas Technology Corp SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp SH7616 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 264 of 906
REJ09B0292-0200
Bits 7 to 0—Wait Control for Areas 3 to 0 (W31–W00)
• When the CSn space is set as ordinary space, the number of CSn space waits can be specified
with Wn1 and Wn0.
W31, W21,
W11, W01
W30, W20,
W10, W00
Description
0
0
External wait input disabled without wait
1
External wait input enabled with one wait
1
0
External wait input enabled with two waits
1
Complies with the long wait specification of bus control
register 1, 3 (BCR1, BCR3). External wait input is enabled
(Initial value)
• When CS3 is DRAM, the number of CAS assert cycles is specified by wait control bits W31
and W30
Bit 7: W31
Bit 6: W30
Description
0
0
1 cycle
1
2 cycles
1
0
3 cycles
1
Reserved (do not set)
When external wait mask bit A3WM in WCR2 is 0 and the number of
CAS assert cycles is set
to 2 or more, external wait input is enabled.
• When CS2 or CS3 is synchronous DRAM, CAS latency is specified by wait control bits W31
and W30, and W21 and W20, respectively
W31, W21
W30, W20
Description
0
0
1 cycle
1
2 cycles
1
0
3 cycles
1
4 cycles
(Initial value)
With synchronous DRAM, external wait input is ignored regardless of any setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com