Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 289Page - Renesas Technology Corp SH7616 Datasheet HTML 290Page - Renesas Technology Corp SH7616 Datasheet HTML 291Page - Renesas Technology Corp SH7616 Datasheet HTML 292Page - Renesas Technology Corp SH7616 Datasheet HTML 293Page - Renesas Technology Corp SH7616 Datasheet HTML 294Page - Renesas Technology Corp SH7616 Datasheet HTML 295Page - Renesas Technology Corp SH7616 Datasheet HTML 296Page - Renesas Technology Corp SH7616 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 267 of 906
REJ09B0292-0200
7.2.6
Wait Control Register 3 (WCR3)
Bit:
15
14
13
12
11
10
9
8
—
—
A4SW2 A4SW1 A4SW0
—
A4HW1 A4HW0
Initial value:
00000000
R/W:
R
R
R/W
R/W
R/W
R
R/W
R/W
Bit:
76543210
A3SHW1 A3SHW0 A2SHW1 A2SHW0 A1SHW1 A1SHW0 A0SHW1 A0SHW0
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 and 14—Reserved bits: These bits are always read as 0. The write value should always be
0.
Bits 13 to 11—CS4 Address/
CS4 to RD/WEn Assertion (A4SW2–A4SW0): These bits specify the
number of cycles from address/
CS4 output to RD/WEn assertion for the CS4 space.
Bit 13: A4SW2
Bit 12: A4SW1
Bit 11: A4SW0
Description
0
0
0
0.5 cycles
(Initial value)
1
1.5 cycles
1
0
3.5 cycles
1
5.5 cycles
10
07.5 cycles
1
Reserved (do not set)
1
0
Reserved (do not set)
1
Reserved (do not set)
Bit 10—Reserved bit: This bit is always read as 0. The write value should always be 0.
Bits 9 and 8—Area 4
RD/WEn Negation to Address/CS4 Hold (A4HW1, A4HW0): These bits
specify the number of cycles from
RD/WEn negation to address/CS4 hold for the CS4 space.
Bit 9: A4HW1
Bit 8: A4HW0
Description
0
0
0.5 cycle,
CS4 hold cycle = 0 cycles
(Initial value)
1
1.5 cycle,
CS4 hold cycle = 1 cycle
1
0
3.5 cycle,
CS4 hold cycle = 3 cycles
1
5.5 cycle,
CS4 hold cycle = 5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com