Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 298Page - Renesas Technology Corp SH7616 Datasheet HTML 299Page - Renesas Technology Corp SH7616 Datasheet HTML 300Page - Renesas Technology Corp SH7616 Datasheet HTML 301Page - Renesas Technology Corp SH7616 Datasheet HTML 302Page - Renesas Technology Corp SH7616 Datasheet HTML 303Page - Renesas Technology Corp SH7616 Datasheet HTML 304Page - Renesas Technology Corp SH7616 Datasheet HTML 305Page - Renesas Technology Corp SH7616 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 276 of 906
REJ09B0292-0200
is 0, a
CAS-before-RAS refresh or auto-refresh is performed at the interval set in the 8-bit interval
timer. When a refresh request occurs during an external area access, the refresh is performed after
the access cycle is completed. When set for self-refresh, self-refresh mode is entered immediately
unless the chip is in the middle of a synchronous DRAM area access, in which case self-refresh
mode is entered when the access ends. Refresh requests from the interval timer are ignored during
self-refresh.
Bit 2: RMODE
Description
0
Normal refresh
(Initial value)
1
Self-refresh
7.2.8
Refresh Timer Control/Status Register (RTCSR)
Bit:
15
14
13
12
11
10
9
8
————————
Initial value:
00000000
R/W:
RRRRRRRR
Bit:
76543210
CMF
CMIE
CKS2
CKS1
CKS0
RRC2
RRC1
RRC0
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 to 8—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 7—Compare Match Flag (CMF): This status flag, which indicates that the values of RTCNT
and RTCOR match, is set/cleared under the following conditions:
Bit 7: CMF
Description
0
[Clearing condition]
After RTCSR is read when CMF is 1, 0 is written in CMF
1
[Setting condition]
RTCNT = RTCOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com