Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 301Page - Renesas Technology Corp SH7616 Datasheet HTML 302Page - Renesas Technology Corp SH7616 Datasheet HTML 303Page - Renesas Technology Corp SH7616 Datasheet HTML 304Page - Renesas Technology Corp SH7616 Datasheet HTML 305Page - Renesas Technology Corp SH7616 Datasheet HTML 306Page - Renesas Technology Corp SH7616 Datasheet HTML 307Page - Renesas Technology Corp SH7616 Datasheet HTML 308Page - Renesas Technology Corp SH7616 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 279 of 906
REJ09B0292-0200
When the CMIE bit in RTCSR is set to 1, an interrupt request is sent to the controller by this
match signal. The interrupt request is output continuously until the CMF bit in RTCSR is cleared.
When the CMF bit clears, it only affects the interrupt; the refresh request is not cleared by this
operation. When a refresh is performed and refresh requests are counted using interrupts, a refresh
can be set simultaneously with the interval timer interrupt.
Bits 15 to 8—Reserved: These bits are always read as 0. The write value should always be 0.
7.3
Access Size and Data Alignment
7.3.1
Connection to Ordinary Devices
Byte, word, and longword are supported as access units
. Data is aligned based on the data width of
the device
. Therefore, reading longword data from a byte-width device requires four read
operations
. The bus state controller automatically converts data alignment and data length between
interfaces. An 8-bit, 16-bit, or 32-bit external device data width can be connected by using the
mode pins for the CS0 space, or by setting BCR2 for the CS1–CS4 spaces. However, the data
width of devices connected to the respective spaces is specified statically, and the data width
cannot be changed for each access cycle. Figures 7.5 to 7.7 show the relationship between device
data widths and access units.
D31
70
D23
D15
D7
D0
15
8
70
70
70
70
A24–A0
000000
000001
000002
000003
000000
000002
000000
Data input/output pin
Byte read/write of address 0
Byte read/write of address 1
Byte read/write of address 2
Byte read/write of address 3
Word read/write of address 0
Word read/write of address 2
Longword read/write of address 0
31
24
23
16
15
8
70
15
8
7
0
32-bit external device (ordinary)
Figure 7.5 32-Bit External Devices and Their Access Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com