Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 314Page - Renesas Technology Corp SH7616 Datasheet HTML 315Page - Renesas Technology Corp SH7616 Datasheet HTML 316Page - Renesas Technology Corp SH7616 Datasheet HTML 317Page - Renesas Technology Corp SH7616 Datasheet HTML 318Page - Renesas Technology Corp SH7616 Datasheet HTML 319Page - Renesas Technology Corp SH7616 Datasheet HTML 320Page - Renesas Technology Corp SH7616 Datasheet HTML 321Page - Renesas Technology Corp SH7616 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 292 of 906
REJ09B0292-0200
For the CS0–CS4 spaces, For spaces CS0—CS4, Th and Tf can be set as follows.
Th
Tf
WCR3
CS0—3
0—2
0—2
AnSW1, AnSW0 (Th = Tf) n =0—3
CS4
0—7
0—5
Th: A4SW2—0
Tf: A4HW1—0
7.5
Synchronous DRAM Interface
7.5.1
Synchronous DRAM Direct Connection
Seven kinds of synchronous DRAM can be connected: 2-Mbit (128 k
× 16), 4-Mbit (256 k × 16),
16-Mbit (1 M
× 16, 2 M × 8, and 4 M × 4), and 64-Mbit (4 M × 16 and 8 M × 8). This chip
supports 64-Mbit synchronous DRAMs internally divided into two or four banks, and other
synchronous DRAMs internally divided into two banks. Since synchronous DRAM can be
selected by the
CS signal, CS2 and CS3 spaces can be connected using a common RAS or other
control signal. When the memory enable bits for DRAM and other memory (DRAM2–DRAM0)
in BCR1 are set to 001, CS2 is ordinary space and CS3 is synchronous DRAM space. When the
DRAM2–0 bits are set to 100, CS2 is synchronous DRAM space and CS3 is ordinary space. When
the bits are set to 101, both CS2 and CS3 are synchronous DRAM spaces.
Supported synchronous DRAM operating modes are burst read/single write mode (initial setting)
and burst read/burst write mode. The burst length depends on the data bus width, comprising 8
bursts for a 16-bit width, and 4 bursts for a 32-bit width. The data bus width is specified by the SZ
bit in MCR. Burst operation is always performed, so the burst enable (BE) bit in MCR is ignored.
Switching to burst write mode is performed by means of the BWE bit in BCR3.
Control signals for directly connecting synchronous DRAM are the
RAS, CAS/OE, RD/WR, CS2
or
CS3, DQMUU, DQMUL, DQMLU, DQMLL, and CKE signals. Signals other than CS2 and
CS3 are common to every area, and signals other than CKE are valid and fetched only when CS2
or
CS3 is true. Therefore, synchronous DRAM can be connected in parallel in multiple areas. CKE
is negated (to the low level) only when a self-refresh is performed; otherwise it is always asserted
(to the high level).
Commands can be specified for synchronous DRAM using the
RAS, CAS/OE, RD/WR, and
certain address signals. These commands are NOP, auto-refresh (REF), self-refresh (SELF), all-
bank precharge (PALL), specific bank precharge (PRE), row address strobe/bank active (ACTV),
read (READ), read with precharge (READA), write (WRIT), write with precharge (WRITA), and
mode register write (MRS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com