Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 318Page - Renesas Technology Corp SH7616 Datasheet HTML 319Page - Renesas Technology Corp SH7616 Datasheet HTML 320Page - Renesas Technology Corp SH7616 Datasheet HTML 321Page - Renesas Technology Corp SH7616 Datasheet HTML 322Page - Renesas Technology Corp SH7616 Datasheet HTML 323Page - Renesas Technology Corp SH7616 Datasheet HTML 324Page - Renesas Technology Corp SH7616 Datasheet HTML 325Page - Renesas Technology Corp SH7616 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 296 of 906
REJ09B0292-0200
Setting
External Address Pins
SZ AMX2 AMX1 AMX0
Output
Timing
A1–A8
A9
A10
A11
A12
A13
A14
A15
0
100
Column
address
A1–A8
A9
A10
LH*
1
A12
A21*
3 A22*2 A15
Row
address
A9–A16 A17
A18
A19
A20
A21*
3 A22*2 A23
0
011
Column
address
A1–A8
L/H*
1
A18*
2 A11
A12
A13
A14
A15
Row
address
A9–A16 A17
A18*
2 A19
A20
A21
A22
A23
0
111
Column
address
A1–A8
L/H*
1
A17*
2 A11
A12
A13
A14
A15
Row
address
A9–A16 A16
A17*
2 A19
A20
A21
A22
A23
Notes: AMX2–AMX0 setting 110 is reserved and must not be used. When SZ = 0, AMX2–AMX0
settings 001, 010, and 101 are also reserved and must not be used.
1. L/H is a bit used to specify commands. It is fixed at L or H according to the access
mode.
2. Bank address specification.
3. Bank address specification when using four banks.
7.5.3
Burst Reads
Figure 7.22 (a) and (b) show the timing charts for burst reads. In the following example, 2
synchronous DRAMs of 256k
× 16 bits are connected, the data width is 32 bits and the burst
length is 4. After a Tr cycle that performs ACTV command output, a READA command is issued
in the Tc cycle, read data is accepted in cycles Td1 to Td4, and the end of the read sequence is
waited for in the Tde cycle. One Tde cycle is issued when I
φ : Eφ ≠ 1 : 1, and two cycles when Iφ
: E
φ = 1 : 1. Tap is a cycle for waiting for the completion of the auto-precharge based on the
READA command within the synchronous DRAM. During this period, no new access commands
are issued to the same bank. Accesses of the other bank of the synchronous DRAM by another CS
space are possible. Depending on the TRP1, TRP0 specification in MCR, the chip determines the
number of Tap cycles and does not issue a command to the same bank during that period.
Figure 7.22 (a) and (b) show examples of the basic cycle. Because a slower synchronous DRAM is
connected, setting WCR1 and MCR bits can extend the cycle. The number of cycles from the
ACTV command output cycle Tr to the READA command output cycle Tc can be specified by
bits RCD1 and RCD0 in MCR. 00 specifies 1 cycle, 01 specifies 2 cycles, and 10 specifies 3
cycles. For 2 or 3 cycles, a NOP command issue cycle Trw for the synchronous DRAM is inserted
between the Tr cycle and the Tc cycle. The number of cycles between the READA command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com