| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 323 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 323 Page - Renesas Technology Corp |
|
323 / 935 page ![]() Section 7 Bus State Controller (BSC) Rev. 2.00 Mar 09, 2006 page 297 of 906 REJ09B0292-0200 output cycle Tc and the initial read data fetch cycle Td1 can be specified between 1 cycle and 4 cycles using the W21/W20 and W31/W30 bits in WCR1. The number of cycles at this time corresponds to the number of CAS latency cycles of the synchronous DRAM. When 2 cycles or more, a NOP command issue cycle Tw is inserted between the Tc cycle and the Td1 cycle. The number of cycles in the precharge completion waiting cycle Tap is specified by bits TRP1 and TRP0 in MCR. When CAS latency is 1, a Tap cycle comprising the number of cycles specified by TRP1 and TRP0 is generated. When the CAS latency is 2 or more, a Tap cycle equal to the TRP specification – 1 is generated. During the Tap cycle, no commands other than NOP are issued to the same bank. Figure 7.23 (a) and (b) show examples of burst read timing when RCD1/RCD0 is 01, W31/W30 is 01, and TRP1/TRP0 is 01. When the data width is 16 bits, 8 burst cycles are required for a 16-byte data transfer. The data fetch cycle goes from Td1 to Td8. Synchronous DRAM CAS latency is up to 3 cycles, but the CAS latency of the bus state controller can be specified up to 4. This is so that circuits containing latches can be installed between synchronous DRAMs and the chip. Tr Tc CKIO A24–A11 A10 A9–A1 CS2 or CS3 RAS CAS RD/ WR DQMxx D31–D0 DACKn* Td1 Td2 Td3 Td4 Tde Tap Note: * DACKn waveform when active-low is specified. Figure 7.22 (a) Basic Burst Read Timing (Auto-Precharge) I φφφφ : Eφφφφ other than 1 : 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |