Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 323Page - Renesas Technology Corp SH7616 Datasheet HTML 324Page - Renesas Technology Corp SH7616 Datasheet HTML 325Page - Renesas Technology Corp SH7616 Datasheet HTML 326Page - Renesas Technology Corp SH7616 Datasheet HTML 327Page - Renesas Technology Corp SH7616 Datasheet HTML 328Page - Renesas Technology Corp SH7616 Datasheet HTML 329Page - Renesas Technology Corp SH7616 Datasheet HTML 330Page - Renesas Technology Corp SH7616 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 301 of 906
REJ09B0292-0200
7.5.4
Single Reads
When a cache area is accessed and there is a cache miss, the cache fill cycle is performed in 16-
byte units. This means that all the data read in the burst read is valid. On the other hand, when a
cache-through area is accessed the required data is a maximum length of 32 bits, and the
remaining 12 bytes are wasted. The same kind of wasted data access is produced when
synchronous DRAM is specified as the source in a DMA transfer by the DMAC and the transfer
unit is other than 16 bytes. Figure 7.24 (a) and (b) show the timings of a single address read.
Because the synchronous DRAM is set to the burst read mode, the read data output continues after
the required data is received. To avoid data conflict, an empty read cycle is performed from Td2 to
Td4 after the required data is read in Td1 and the device waits for the end of synchronous DRAM
operation.
When the data width is 16 bits, the number of burst transfers during a read is 8. Data is fetched in
cache-through and other DMA read cycles only in the Td1 and Td2 cycles (of the 8 cycles from
Td1 to Td8) for longword accesses, and only in the Td1 cycle for word or byte accesses.
Empty cycles tend to increase the memory access time, lower the program execution speed, and
lower the DMA transfer speed, so it is important to avoid accessing unnecessary cache-through
areas and to use data structures that enable 16-byte unit transfers by placing data on 16-byte
boundaries when performing DMA transfers that specify synchronous DRAM as the source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com