Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 325Page - Renesas Technology Corp SH7616 Datasheet HTML 326Page - Renesas Technology Corp SH7616 Datasheet HTML 327Page - Renesas Technology Corp SH7616 Datasheet HTML 328Page - Renesas Technology Corp SH7616 Datasheet HTML 329Page - Renesas Technology Corp SH7616 Datasheet HTML 330Page - Renesas Technology Corp SH7616 Datasheet HTML 331Page - Renesas Technology Corp SH7616 Datasheet HTML 332Page - Renesas Technology Corp SH7616 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 303 of 906
REJ09B0292-0200
Tr
Tc
CKIO
A24–A11
A10
A9–A1
CS2 or CS3
RAS
CAS
RD/
WR
DQMxx
D31–D0
DACKn*
Td1
Td2
Td3
Td4
Tde
Tde
Tap
Note: * DACKn waveform when active-low is specified.
Figure 7.24 (b) Single Read Timing (Auto-Precharge) I
φφφφ : Eφφφφ = 1 : 1
7.5.5
Single Writes
Synchronous DRAM writes are executed as single writes or burst writes according to the
specification by the BWE bit in BCR3. Figure 7.25 shows the basic timing chart for single write
accesses. After the ACTV command Tr, a WRITA command is issued in Tc to perform an auto-
precharge. In the write cycle, the write data is output simultaneously with the write command.
When writing with an auto-precharge, the bank is precharged after the completion of the write
command within the synchronous DRAM, so no command can be issued to that bank until the
precharge is completed. For that reason, besides a Tap cycle to wait for the precharge during read
accesses, a Trw1 cycle is added to wait until the precharge is started, and the issuing of any new
commands to the same bank is delayed during this period. The number of cycles in the Trw1 cycle
can be specified using the TRWL1 and TRWL0 bits in MCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com