Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 329Page - Renesas Technology Corp SH7616 Datasheet HTML 330Page - Renesas Technology Corp SH7616 Datasheet HTML 331Page - Renesas Technology Corp SH7616 Datasheet HTML 332Page - Renesas Technology Corp SH7616 Datasheet HTML 333Page - Renesas Technology Corp SH7616 Datasheet HTML 334Page - Renesas Technology Corp SH7616 Datasheet HTML 335Page - Renesas Technology Corp SH7616 Datasheet HTML 336Page - Renesas Technology Corp SH7616 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 307 of 906
REJ09B0292-0200
addresses, the precharge is performed after the access request occurs, so the access time is longer.
When writing, performing an auto-precharge means that no command can be called for tRWL +
tAP cycles after a WRITA command is called. When the bank active mode is used, READ or
WRIT commands can be issued consecutively if the row address is the same. This shortens the
number of cycles by tRWL + tAP for each write. The number of cycles between the issue of the
precharge command and the row address strobe command is determined by the TRP1, TRP0 in
MCR.
Whether execution is faster when the bank active mode is used or when basic access is used is
determined by the proportion of accesses to the same row address (P1) and the average number of
cycles from the end of one access to the next access (tA). When tA is longer than tAP, the delay
waiting for the precharge during a read becomes invisible. If tA is longer than tRWL + tAP, the
delay waiting for the precharge also becomes invisible during writes. The difference between the
bank active mode and basic access speeds in these cases is the number of cycles between the start
of access and the issue of the read/write command: (tRP + tRCD)
× (1 – P1) and tRCD,
respectively.
The time that a bank can be kept active, tRAS, is limited. When the period will be provided by
program execution, and it is not assured that another row address will be accessed without a hit to
the cache, the synchronous DRAM must be set to auto-refresh and the refresh cycle must be set to
the maximum value tRAS or less. This enables the limit on the maximum active period for each
bank to be ensured. When auto-refresh is not being used, some measure must be taken in the
program to ensure that the bank does not stay active for longer than the prescribed period.
Figure 7.27 (a) and (b) show burst read cycles that is not an auto-precharge cycle, figure 7.28 (a)
and (b) show burst read cycles to a same row address, figure 7.29 (a) and (b) show burst read
cycles to different row addresses, figure 7.30 shows a write cycle without auto-precharge, figure
7.31 shows a write cycle to a same row address, and figure 7.32 shows a write cycle to different
row addresses.
In figure 7.28, a cycle that does nothing, Tnop, is inserted before the Tc cycle that issues the
READ command. Synchronous DRAMs have a 2 cycle latency during reads for the DQMxx
signals that specify bytes. If the Tc cycle is performed immediately without inserting a Tnop
cycle, the DQMxx signal for the Td1 cycle data output cannot be specified. This is why the Tnop
cycle is inserted. When the CAS latency is 2 or more, however, the Tnop cycle is not inserted so
that timing requirements will be met even when a DQMxx signal is set after the Tc cycle.
When the bank active mode is set, the access will start with figure 7.27 or figure 7.30 and repeat
figure 7.28 or figure 7.31 for as long as the same row address continues to be accessed when only
accesses to the respective banks of the CS3 space are considered. Accesses to other CS spaces
during this period do not affect this operation. When an access occurs to a different row address
while the bank is active, figure 7.29 or figure 7.32 will be substituted for figures 7.28 and 7.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com