Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 326Page - Renesas Technology Corp SH7616 Datasheet HTML 327Page - Renesas Technology Corp SH7616 Datasheet HTML 328Page - Renesas Technology Corp SH7616 Datasheet HTML 329Page - Renesas Technology Corp SH7616 Datasheet HTML 330Page - Renesas Technology Corp SH7616 Datasheet HTML 331Page - Renesas Technology Corp SH7616 Datasheet HTML 332Page - Renesas Technology Corp SH7616 Datasheet HTML 333Page - Renesas Technology Corp SH7616 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 304 of 906
REJ09B0292-0200
Tr
Tc
CKIO
A24–A11
A10
A9–A1
CS2 or CS3
RAS
CAS
RD/
WR
DQMxx
D31–D0
DACKn*
Trwl
Tap
Note: * DACKn waveform when active-low is specified.
Figure 7.25 Basic Single Write Cycle Timing (Auto-Precharge)
7.5.6
Burst Write Mode
Burst write mode can be selected by setting the BWE bit to 1 in BCR3. The basic timing charts for
burst write access is shown in figure 7.26 (a) and (b). This example assumes a 32-bit bus width
and a burst length of 4. In the burst write cycle, the WRITA command that performs auto-
precharge is issued in Tc1 following the ACTV command Tr cycle. The first 4 bytes of write data
are output simultaneously with the WRITA command in Tc1, and the remaining 12 bytes of data
are output consecutively in Tc2, Tc3, and Tc4. In a write with auto-precharge, as with a single
write, a Trw1 cycle that provides the waiting time until precharge is started is inserted after output
of the write data, followed by a Tap cycle for the precharge wait in a write access. The Trw1 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com