Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 327Page - Renesas Technology Corp SH7616 Datasheet HTML 328Page - Renesas Technology Corp SH7616 Datasheet HTML 329Page - Renesas Technology Corp SH7616 Datasheet HTML 330Page - Renesas Technology Corp SH7616 Datasheet HTML 331Page - Renesas Technology Corp SH7616 Datasheet HTML 332Page - Renesas Technology Corp SH7616 Datasheet HTML 333Page - Renesas Technology Corp SH7616 Datasheet HTML 334Page - Renesas Technology Corp SH7616 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 305 of 906
REJ09B0292-0200
Tap cycles can be set respectively in MCR by bits TRWL1 and TRWL0, and bits TRP1 and
TRP0.
When a single write is performed in burst write mode, the synchronous DRAM setting is for a
burst length of 4. After data is written in Tc1, empty writes are performed in Tc2, Tc3, and Tc4 by
driving the DQMxx signal high.
These empty cycles increase the memory access time and tend to reduce program execution speed
and DMA transfer speed. Therefore, unnecessary cache-through area accesses should be avoided,
and copy-back should be selected for the cache setting. Also, in DMA transfer, it is important to
use a data structure that allows transfer in 16-bit units.
Tr
Tc1
CKIO
A24–A11
A10
A9–A1
CS2 or CS3
RAS
CAS
RD/
WR
DQMxx
D31–D0
DACKn*
Tc2
Tc3
Tc4
Trwl
Tap
Note: * DACKn waveform when active-low is specified.
Figure 7.26 (a) Basic Burst Write Timing (Auto-Precharge) I
φφφφ : Eφφφφ other than 1 : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com