Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 328Page - Renesas Technology Corp SH7616 Datasheet HTML 329Page - Renesas Technology Corp SH7616 Datasheet HTML 330Page - Renesas Technology Corp SH7616 Datasheet HTML 331Page - Renesas Technology Corp SH7616 Datasheet HTML 332Page - Renesas Technology Corp SH7616 Datasheet HTML 333Page - Renesas Technology Corp SH7616 Datasheet HTML 334Page - Renesas Technology Corp SH7616 Datasheet HTML 335Page - Renesas Technology Corp SH7616 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 306 of 906
REJ09B0292-0200
Tr
Tc1
CKIO
A24–A11
A10
A9–A1
CS2 or CS3
RAS
CAS
RD/
WR
DQMxx
D31–D0
DACKn*
Tc2
Tc3
Tc4
Trwl
Tap
Tde
Note: * DACKn waveform when active-low is specified.
Figure 7.26 (b) Basic Burst Write Timing (Auto-Precharge) I
φφφφ : Eφφφφ = 1 : 1
7.5.7
Bank Active Function
A synchronous DRAM bank function is used to support high-speed accesses of the same row
address. When the RASD bit in MCR is set to 1, read/write accesses are performed using
commands without auto-precharge (READ, WRIT). In this case, even when the access is
completed, no precharge is performed. This function is not supported in the CS2 space. When the
bank active function is used, no precharge is performed when the access is completed. When
accessing the same row address in the same bank, a READ or WRIT command can be called
immediately without calling an ACTV command, just like the
RAS down mode of the DRAM’s
high-speed page mode
. Synchronous DRAM is divided into two banks, so one row address in each
can stay active. When the next access is to a different row address, a PRE command is called first
to precharge the bank, and access is performed by an ACTV command and READ or WRIT
command in order, after the precharge is completed. With successive accesses to different row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com