Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 316Page - Renesas Technology Corp SH7616 Datasheet HTML 317Page - Renesas Technology Corp SH7616 Datasheet HTML 318Page - Renesas Technology Corp SH7616 Datasheet HTML 319Page - Renesas Technology Corp SH7616 Datasheet HTML 320Page - Renesas Technology Corp SH7616 Datasheet HTML 321Page - Renesas Technology Corp SH7616 Datasheet HTML 322Page - Renesas Technology Corp SH7616 Datasheet HTML 323Page - Renesas Technology Corp SH7616 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 294 of 906
REJ09B0292-0200
A10
A1
CKIO
CKE
CSn
RAS
CAS/OE
RD/
WR
D15
D0
DQMLU/
WE1
DQMLL/
WE0
A9
A0
CLK
CKE
CS
RAS
CAS
WE
I/O15
I/O0
DQMU
DQML
Chip
256 k
× 16-bit
synchronous
DRAM
Figure 7.21 Synchronous DRAM 16-bit Device Connection
7.5.2
Address Multiplexing
Addresses are multiplexed according to the MCR’s address multiplex specification bits AMX2–
AMX0 and size specification bit SZ so that synchronous DRAMs can be connected to the SH7616
directly without an external multiplex circuit
. Table 7.6 shows the relationship between the
multiplex specification bits and bit output to the address pins.
A24–A16 always output the original value regardless of multiplexing.
When SZ = 0, the data width on the synchronous DRAM side is 16 bits and the LSB of the
device’s address pins (A0) specifies word address. The A0 pin of the synchronous DRAM is thus
connected to the A1 pin of the SH7616, the rest of the connection proceeding in the same order,
beginning with the A1 pin to the A2 pin.
When SZ = 1, the data width on the synchronous DRAM side is 32 bits and the LSB of the
device’s address pins (A0) specifies longword address. The A0 pin of the synchronous DRAM is
thus connected to the A2 pin of the SH7616, the rest of the connection proceeding in the same
order, beginning with the A1 pin to the A3 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com