Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 134Page - Renesas Technology Corp 7702 Datasheet HTML 135Page - Renesas Technology Corp 7702 Datasheet HTML 136Page - Renesas Technology Corp 7702 Datasheet HTML 137Page - Renesas Technology Corp 7702 Datasheet HTML 138Page - Renesas Technology Corp 7702 Datasheet HTML 139Page - Renesas Technology Corp 7702 Datasheet HTML 140Page - Renesas Technology Corp 7702 Datasheet HTML 141Page - Renesas Technology Corp 7702 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–2
Timer B consists of three counters (Timers B0 to B2) each equipped with a 16-bit reload function. Timers
B0 to B2 have identical functions and operate independently of each other.
7703 Group
Timers B1 and B2s’ function of the 7703 Group varies from the 7702 Group’s. Refer to “Chapter 20. 7703
GROUP.”
6.1 Overview
Timer Bi (i = 0 to 2) has three operating modes listed below.
q Timer mode
The timer counts an internally generated count source.
q Event counter mode
The timer counts an external signal.
q Pulse period/pulse width measurement mode
The timer measures an external signal’s pulse period or pulse width.
6.2 Block description
Figure 6.2.1 shows the block diagram of Timer B. Explanation of registers relevant to timer B is described
below.
6.1 Overview 6.2 Block description
Fig. 6.2.1 Block diagram of Timer B
f 2
f 16
f 64
f 512
Count source select bits
Timer mode
Pulse period/Pulse width measurement mode
Polarity switching
and edge pulse
generating circuit
Event counter
mode
Count start bit
Counter reset circuit
Data bus (odd)
Data bus (even)
(Low-order 8 bits)
(High-order 8 bits)
Timer Bi reload register (16)
Timer Bi counter (16)
Timer Bi
interrupt
request bit
TBi IN
Timer Bi
overflow
flag
(Valid in pulse period/pulse width
measurement mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com