| Electronic Components Datasheet Search |
|
7702 Datasheet(PDF) 139 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7702 Datasheet(HTML) 139 Page - Renesas Technology Corp |
|
139 / 217 page ![]() 7702/7703 Group User’s Manual TIMER B 6–3 6.2 Block description 6.2.1 Counter and reload register (timer Bi register) Each of timer Bi counter and reload register consists of 16 bits and has the following functions. (1) Functions in timer mode and event counter mode The counter down-counts each time count source is input. The reload register is used to store the initial value of the counter. When the counter underflows, the reload register’s contents are reloaded into the counter. Values are set to the counter and reload register by writing a value to the timer Bi register. Table 6.2.1 lists the memory assignment of the timer Bi register. The value written into the timer Bi register when the counting is not in progress is set to the counter and reload register. The value written into the timer Bi register when the counting is in progress is set to only the reload register. In this case, the reload register’s updated contents are transferred to the counter when the counter underflows next time. The counter value is read out by reading out the timer Bi register. Note: When reading and writing from/to the timer Bi register, perform them in an unit of 16 bits. For more information about the value got by reading the timer Bi register, refer to “[Precautions when operating in timer mode]” and “[Precautions when operating in event counter mode].” (2) Functions in pulse period/pulse width measurement mode The counter up-counts each time count source is input. The reload register is used to hold the pulse period or pulse width measurement result. When a valid edge is input to the TBiIN pin, the counter value is transferred to the reload register. In this mode, the value got by reading the timer Bi register is the reload register’s contents, so that the measurement result is obtained. Note: When reading from the timer Bi register, perform it in an unit of 16 bits. Timer Bi register Timer B0 register Timer B1 register Timer B2 register Low-order byte Address 5016 Address 5216 Address 5416 High-order byte Address 5116 Address 5316 Address 5516 Note: When reset, the contents of the timer Bi reg- ister are undefined. Table 6.2.1 Memory assignment of timer Bi registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |