Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 137Page - Renesas Technology Corp 7702 Datasheet HTML 138Page - Renesas Technology Corp 7702 Datasheet HTML 139Page - Renesas Technology Corp 7702 Datasheet HTML 140Page - Renesas Technology Corp 7702 Datasheet HTML 141Page - Renesas Technology Corp 7702 Datasheet HTML 142Page - Renesas Technology Corp 7702 Datasheet HTML 143Page - Renesas Technology Corp 7702 Datasheet HTML 144Page - Renesas Technology Corp 7702 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 217 page
background image
7702/7703 Group User’s Manual
TIMER B
6–5
6.2.3 Timer Bi mode register
Figure 6.2.3 shows the structure of the timer Bi mode register. The operating mode select bits are used
to select the operating mode of timer Bi. Bits 2 and 3 and bits 5 to 7 have different functions according
to the operating mode. These bits are described in the paragraph of each operating mode.
6.2 Block description
Fig. 6.2.3 Structure of timer Bi mode register
Nothing is assigned.
These bits have different functions according to the operating mode.
1
Operating mode select bits
Bit name
Functions
b7
b6 b5
b4 b3
b2 b1
b0
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
0 0 : Timer mode
0 1 : Event counter mode
1 0 : Pulse period/Pulse width
measurement mode
1 1 : Not selected
b1 b0
Bit
5
At reset
RW
0
2
0
RW
RW
RW
6
7
Note: Bit 5 is ignored in the timer mode and event counter mode; its value is undefined at reading.
3
0
0
RW
0
–
Undefined
4
RO
(Note)
Undefined
RW
0
RW
0
These bits have different functions according to the operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com