Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 140Page - Renesas Technology Corp 7702 Datasheet HTML 141Page - Renesas Technology Corp 7702 Datasheet HTML 142Page - Renesas Technology Corp 7702 Datasheet HTML 143Page - Renesas Technology Corp 7702 Datasheet HTML 144Page - Renesas Technology Corp 7702 Datasheet HTML 145Page - Renesas Technology Corp 7702 Datasheet HTML 146Page - Renesas Technology Corp 7702 Datasheet HTML 147Page - Renesas Technology Corp 7702 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 217 page
background image
TIMER B
6–8
7702/7703 Group User’s Manual
6.3 Timer mode
6.3 Timer mode
In this mode, the timer counts an internally generated count source. (Refer to Table 6.3.1.) Figure 6.3.1
shows the structures of the timer Bi mode register and timer Bi register in the timer mode.
Table 6.3.1 Specifications of timer mode
Item
Count source
Count operation
Divide ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TBiIN pin function
Read from timer Bi register
Write to timer Bi register
Specifications
f2, f16, f64, or f512
•Down-count
•When the counter underflows, reload register’s contents are reloaded
and counting continues.
When count start bit is set to “1.”
When count start bit is cleared to “0.”
When the counter underflows.
Programmable I/O port
Counter value can be read out.
q While counting is stopped
When a value is written to the timer Bi register, it is written to both
reload register and counter.
q While counting is in progress
When a value is written to the timer Bi register, it is written to only
reload register. (Transferred to counter at next reload time.)
1
(n + 1)
n: Timer Bi register setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com