Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 141Page - Renesas Technology Corp 7702 Datasheet HTML 142Page - Renesas Technology Corp 7702 Datasheet HTML 143Page - Renesas Technology Corp 7702 Datasheet HTML 144Page - Renesas Technology Corp 7702 Datasheet HTML 145Page - Renesas Technology Corp 7702 Datasheet HTML 146Page - Renesas Technology Corp 7702 Datasheet HTML 147Page - Renesas Technology Corp 7702 Datasheet HTML 148Page - Renesas Technology Corp 7702 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–9
6.3 Timer mode
Fig. 6.3.1 Structures of timer Bi mode register and timer Bi register in timer mode
b7
b0 b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
RW
15 to 0
Bit
Functions
At reset
These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by n + 1.
When reading, the register indicates the
counter value.
Undefined
RW
b7
b6
b5
b4
b3
b2
b1
b0
00
Bit
This bit is ignored in timer mode.
Nothing is assigned.
Bit name
Count source select bits
Functions
At reset
RW
These bits are ignored in timer mode.
Operating mode select bits
1
0 0 : Timer mode
b1 b0
0
!
!
0
2
RW
RW
3
RW
RW
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
!
0
0
0
–
Undefined
4
Undefined
5
6
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
RW
0
RW
0
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com