Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 139Page - Renesas Technology Corp 7702 Datasheet HTML 140Page - Renesas Technology Corp 7702 Datasheet HTML 141Page - Renesas Technology Corp 7702 Datasheet HTML 142Page - Renesas Technology Corp 7702 Datasheet HTML 143Page - Renesas Technology Corp 7702 Datasheet HTML 144Page - Renesas Technology Corp 7702 Datasheet HTML 145Page - Renesas Technology Corp 7702 Datasheet HTML 146Page - Renesas Technology Corp 7702 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 217 page
background image
7702/7703 Group User’s Manual
TIMER B
6–7
6.2.5 Port P6 direction register
Timer Bi’s input pins are shared with port P6. When using these pins as Timer Bi’s input pins, set the
corresponding bits of the port P6 direction register to “0” to set these pins for the input mode. Figure 6.2.5
shows the relationship between port P6 direction register and Timer Bi’s input pins.
6.2 Block description
Fig. 6.2.5 Relationship between port P6 direction register and Timer Bi’s input pins
0
1
2
3
4
5
6
7
TA4OUT pin
IN T0 pin
IN T1 pin
IN T2 pin
TB1IN pin
TB0IN pin
Port P6 direction register (Address 1016)
b1
b0
b2
b3
b4
b5
b6
b7
TA4IN pin
TB2IN pin
RW
0
0
0
0
0
0
0
0
: Bits 0 to 4 are not used for Timer B.
Corresponding pin name
Functions
Bit
At reset
0: Input mode
1: Output mode
When using these pins as
Timer Bi's input pins, set the
corresponding bits to " 0."
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com