Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 142Page - Renesas Technology Corp 7702 Datasheet HTML 143Page - Renesas Technology Corp 7702 Datasheet HTML 144Page - Renesas Technology Corp 7702 Datasheet HTML 145Page - Renesas Technology Corp 7702 Datasheet HTML 146Page - Renesas Technology Corp 7702 Datasheet HTML 147Page - Renesas Technology Corp 7702 Datasheet HTML 148Page - Renesas Technology Corp 7702 Datasheet HTML 149Page - Renesas Technology Corp 7702 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 217 page
background image
TIMER B
6–10
7702/7703 Group User’s Manual
6.3 Timer mode
6.3.1 Setting for timer mode
Figure 6.3.2 shows an initial setting example for registers relevant to the timer mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “Chapter 4. INTERRUPTS.”
Fig. 6.3.2 Initial setting example for registers relevant to timer mode
Count starts
b7
b0
Count source select bits
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
Selecting timer mode and count source
Timer Bi mode register (i = 0 to 2)
(Addresses 5B16 to 5D16)
Setting count start bit to “1”
b7
b0
Count start register (Address 4016)
Timer B0 count start bit
Timer B1 count start bit
Timer B2 count start bit
b7 b6
Setting interrupt priority level
b7
b0
Timer Bi interrupt control register (i = 0 to 2)
(Addresses 7A16 to 7C16)
Interrupt priority level select bits
When using interrupts, set these bits to level 1–7.
When disabling interrupts, set these bits to level 0.
!: It may be either “0” or “1.”
Selection of timer mode
Note: The counter divides the count source by n + 1.
Setting divide ratio
b7
b0
Can be set to “000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
00
!!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com